| Moteur de recherche de fiches techniques de composants électroniques |
|
CGE Fiches technique(PDF) 6 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
CGE Fiches technique(HTML) 6 Page - ITT Industries |
|
6 / 11 page ![]() CGE 6 Dimensions are mm (inches) Subject to changes CGE0E...B-03 Wall mounting receptacle, acc to VG 96929B1, rear panel mounting, four threaded holes in flange, adapter for heat shrink boot, metric crimp contacts Shell a d 1 d 2 d 3 eg h l 1 l 4 l 5 l 6 size – 0,15 ± 0,15 ± 0,3 ± 0,1 ± 0,1 ± 0,2 ± 0,3 ± 0,3 ± 0,15 ± 0,3 16 27,4 20,0 22,1 M4 24,6 3,2 12,0 41,0 20,0 3,2 32,5 22 37,4 45,8 49,2 M4 31,8 3,2 20,8 55,0 23,15 4,0 41,0 32 53,4 45,8 49,2 M5 44,5 3,5 28,0 66,8 29,0 4,0 57,0 CGE1E...B-03 Cable connecting plug, straigt, adapter for heat shrink boots, metric crimp contacts Shell size a d 1 d 2 gh l 1 – 0,15 ± 0,15 ± 0,15 ± 0,1 ± 0,15 ± 0,3 18 30,8 25,0 27,0 3,2 20,0 50,0 22 37,4 31,5 34,9 3,2 20,5 54,0 28 53,4 45,8 50,0 3,5 28,0 66,8 32 46,7 41,0 44,4 3,5 25,0 65,8 CGE1E...B-14 Cable connecting plug, shielded version, metric crimp contacts Shell size a b c d g h l 1 SW1 SW2 ± 0,15 ± 0,3 ± 0,2 max max 18 37,4 42,0 37,0 25,5 22,5 48,5 95,5 34 38 |