| Moteur de recherche de fiches techniques de composants électroniques |
|
CGE Fiches technique(PDF) 5 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
CGE Fiches technique(HTML) 5 Page - ITT Industries |
|
5 / 11 page ![]() CGE 5 Cable Data Approx. values for cable self-heating Wire size Max admissible Approx over-temperature due to current load: ∆ T in °C mm2 operating voltage 1/3 of max admissible 2/2 of max admissible max admissible operating voltage operating voltage operating voltage 25 250 35 52 95 50 300 15 25 55 95 500 10 33 70 150 600 5 23 60 240 1000 8 30 75 Cable designation Shell Wire size Straight plug Plug 90 ° size mm2 a b max c max d+/–10,5 e1 +/–1,0 f1 +/–1,0 e2 +/–1,0 f2 +/–1,0 MTV6145-005+001 16 25 7,5+/–0,5 13,5 10,2 14,0 31,0 46,0 - - MTV6145-005+001 18 50 11,0+/–0,5 18,0 14,3 15,0 31,0 46,0 - - MTV6145-005+001 22 95 16,0+/–0,5 23,5 19,7 20,5 42,0 57,0 20,0 35,0 MTV6145-005+001 28 150 20,5+/–0,5 30,0 25,4 30,0 - - 25,0 40,0 MTV6145-005+001 32 240 26,5+/–0,5 36,0 32,5 30,0 54,0 69,0 25,0 40,0 Panel Cut-Outs Panel cut-outs for rear and front panel mounting of receptacles Shell size Receptacles, rear panel mounting Receptacles, front panel mounting CGE0E-B-03/14 CGE2E-B-16 CGE2E-B-04 H13 H12 H13 H12 c +0,15 d +0,15 d ± 0,15 c thread d c ± 0,15 16 4,5 27,7 24,6 4,5 M4 22,5 24,6 18 4,5 31,1 27,0 4,5 M4 27,4 27,0 22 4,5 37,8 31,8 4,5 M4 33,7 31,8 28 5,5 47,1 39,7 4,5 M4 43,5 39,7 32 5,5 53,8 44,5 4,5 M4 49,7 44,5 Outer jacket Shielding braid, tinned Inner jacked Copper conductor Cable Dimensions |