| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56321RM Fiches technique(PDF) 80 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56321RM Fiches technique(HTML) 80 Page - NXP Semiconductors |
|
80 / 84 page ![]() DSP56321 Technical Data, Rev. 11 A-16 Freescale Semiconductor Power Consumption Benchmark ;------------------------------------------------------------------------ ; HOST Interrupts ;------------------------------------------------------------------------ I_HRDF EQU I_VEC+$60 ; Host Receive Data Full I_HTDE EQU I_VEC+$62 ; Host Transmit Data Empty I_HC EQU I_VEC+$64 ; Default Host Command ;----------------------------------------------------------------------- ; EFCOP Filter Interrupts ;----------------------------------------------------------------------- I_FDIIE EQU I_VEC+$68 ; EFilter input buffer empty I_FDOIE EQU I_VEC+$6A ; EFilter output buffer full ;------------------------------------------------------------------------ ; INTERRUPT ENDING ADDRESS ;------------------------------------------------------------------------ I_INTEND EQU I_VEC+$FF ; last address of interrupt vector space |