| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56321RM Fiches technique(PDF) 78 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56321RM Fiches technique(HTML) 78 Page - NXP Semiconductors |
|
78 / 84 page ![]() DSP56321 Technical Data, Rev. 11 A-14 Freescale Semiconductor Power Consumption Benchmark M_Z EQU 2 ; Zero M_N EQU 3 ; Negative M_U EQU 4 ; Unnormalized M_E EQU 5 ; Extension M_L EQU 6 ; Limit M_S EQU 7 ; Scaling Bit M_I0 EQU 8 ; Interupt Mask Bit 0 M_I1 EQU 9 ; Interupt Mask Bit 1 M_S0 EQU 10 ; Scaling Mode Bit 0 M_S1 EQU 11 ; Scaling Mode Bit 1 M_SC EQU 13 ; Sixteen_Bit Compatibility M_DM EQU 14 ; Double Precision Multiply M_LF EQU 15 ; DO-Loop Flag M_FV EQU 16 ; DO-Forever Flag M_SA EQU 17 ; Sixteen-Bit Arithmetic M_CE EQU 19 ; Instruction Cache Enable M_SM EQU 20 ; Arithmetic Saturation M_RM EQU 21 ; Rounding Mode M_CP0 EQU 22 ; bit 0 of priority bits in SR M_CP1 EQU 23 ; bit 1 of priority bits in SR ; control and status bits in OMR M_CDP EQU $300; mask for CORE-DMA priority bits in OMR M_MA equ0 ; Operating Mode A M_MB equ1 ; Operating Mode B M_MC equ2 ; Operating Mode C M_MD equ3 ; Operating Mode D M_EBD EQU 4 ; External Bus Disable bit in OMR M_SD EQU 6 ; Stop Delay M_MS EQU 7 ; Memory Switch bit in OMR M_CDP0 EQU 8 ; bit 0 of priority bits in OMR M_CDP1 EQU 9 ; bit 1 of priority bits in OMR M_BEN EQU 10 ; Burst Enable M_TAS EQU 11 ; TA Synchronize Select M_BRT EQU 12 ; Bus Release Timing M_ATE EQU 15 ; Address Tracing Enable bit in OMR. M_XYS EQU 16 ; Stack Extension space select bit in OMR. M_EUN EQU 17 ; Extensed stack UNderflow flag in OMR. M_EOV EQU 18 ; Extended stack OVerflow flag in OMR. M_WRP EQU 19 ; Extended WRaP flag in OMR. M_SEN EQU 20 ; Stack Extension Enable bit in OMR. ;************************************************************************* ; ; EQUATES for DSP56321 interrupts ; ;************************************************************************* page 132,55,0,0,0 opt mex intequ ident 1,0 if @DEF(I_VEC) ;leave user definition as is. else I_VEC EQU $0 endif |