Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP56321RM Fiches technique(PDF) 57 Page - NXP Semiconductors

No de pièce DSP56321RM
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM Fiches technique(HTML) 57 Page - NXP Semiconductors

Back Button DSP56321RM Datasheet HTML 53Page - NXP Semiconductors DSP56321RM Datasheet HTML 54Page - NXP Semiconductors DSP56321RM Datasheet HTML 55Page - NXP Semiconductors DSP56321RM Datasheet HTML 56Page - NXP Semiconductors DSP56321RM Datasheet HTML 57Page - NXP Semiconductors DSP56321RM Datasheet HTML 58Page - NXP Semiconductors DSP56321RM Datasheet HTML 59Page - NXP Semiconductors DSP56321RM Datasheet HTML 60Page - NXP Semiconductors DSP56321RM Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
Package Description
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
3-7
Table 3-2.
Signal List by Signal Name
Signal Name
Ball
No.
Signal Name
Ball
No.
Signal Name
Ball
No.
A0
N14
BR
N11
D9
A12
A1
M13
D0
E14
DE
D3
A10
H13
D1
D12
EXTAL
M8
A11H14
D10B11
GND
D4
A12
G14
D11
A11
GND
D5
A13G12
D12C10
GND
D6
A14
F13
D13
B10
GND
D7
A15
F14
D14
A10
GND
D8
A16
E13
D15
B9
GND
D9
A17
E12
D16
A9
GND
D10
A2
M14
D17
B8
GND
D11
A3
L13
D18
C8
GND
E4
A4
L14
D19
A8
GND
E5
A5
K13
D2
D13
GND
E6
A6
K14
D20
B7
GND
E7
A7
J13
D21
B6
GND
E8
A8
J12
D22
C6
GND
E9
A9
J14
D23
A6
GND
E10
AA0
N13D3C13
GND
E11
AA1
P12
D4
C14
GND
F4
AA2
P7
D5
B13
GND
F5
AA3
N7
D6
C12
GND
F6
BB
P11D7A13
GND
F7
BG
P13D8B12
GND
F8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84