Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APR16/D Fiches technique(PDF) 62 Page - NXP Semiconductors

No de pièce APR16/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR16/D Fiches technique(HTML) 62 Page - NXP Semiconductors

Back Button APR16/D Datasheet HTML 58Page - NXP Semiconductors APR16/D Datasheet HTML 59Page - NXP Semiconductors APR16/D Datasheet HTML 60Page - NXP Semiconductors APR16/D Datasheet HTML 61Page - NXP Semiconductors APR16/D Datasheet HTML 62Page - NXP Semiconductors APR16/D Datasheet HTML 63Page - NXP Semiconductors APR16/D Datasheet HTML 64Page - NXP Semiconductors APR16/D Datasheet HTML 65Page - NXP Semiconductors APR16/D Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 101 page
background image
3-10
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Pin-out and Package Information
A12
H6/PB6
F13
SCLK/PC2
M9
A3
A13
H5/PB5
G1
D10
M11
A0
B1
D17
G3
VCCD
M12
DS
B2
D20
G11
GNDQ
M13
WR
B4
D23
G12
VCCQ
N1
D0
B5
MODA/IRQA
G13
SCK/PC6
N2
A14
B6
EXTAL
H1
D9
N3
A13
B7
GNDQ
H13
SC2/PC5
N4
A12
B8
HA0/PB8
J1
D8
N5
A10
B10
HREQ/PB13
J2
D7
N6
A8
B11
H7/PB7
J3
GNDD
N7
A7
B12
H4/PB4
J12
SRD/PC7
N8
A6
B13
H3/PB3
J13
STD/PC8
N9
A4
C1
D15
K1
D6
N10
A2
C2
D18
K2
D5
N11
A1
C6
VCCQ
K12
BG/BS
N12
PS
C9
VCCH
K13
SC1/PC4
N13
X/Y
C12
H2/PB2
L1
D4
——
C13
H1/PB1
L2
D2
——
Table 3-2
DSP56001A Signal Identification by Pin Number — PGA
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More