| Moteur de recherche de fiches techniques de composants électroniques |
|
APR16/D Fiches technique(PDF) 53 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR16/D Fiches technique(HTML) 53 Page - NXP Semiconductors |
|
53 / 101 page ![]() MOTOROLA DSP56001A/D, Rev. 1 3-1 SECTION 3 PACKAGING PIN-OUT AND PACKAGE INFORMATION This section supplies information about the packages which are available for this product. Diagrams of the pinouts of each package are included, and tables describing the pins allocated to each of the signals described in Table 3-1 through Table 3-5. The DSP56001A is available in 3 packages: • 132-pin plastic quad flat pack (PQFP), type ‘FC’ • 132-pin ceramic quad flat pack (CQFP), type ‘FE’ • 88-pin Pin Grid Array (PGA), type ‘RC’ Top and bottom views of the each package are shown, together with their pin-outs. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |