| Moteur de recherche de fiches techniques de composants électroniques |
|
APR16/D Fiches technique(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR16/D Fiches technique(HTML) 42 Page - NXP Semiconductors |
|
42 / 101 page ![]() 2-24 DSP56001A/D, Rev. 1 MOTOROLA DSP56001A Synchronous Serial Interface (SSI) Timing Figure 2-19 SSI Transmitter Timing Last Bit See Note Note: In the Network mode, output flag transitions can occur at the start of each time slot within the frame. In the Normal mode, the output flag state is asserted for the entire frame period. First Bit 80 82 95 96 97 98 101 100 100 99 105 102 103 105 106 81 101A 104 AA0894 TXC (Input/ Output) FST (Bit) Out FST (Word) Out Data Out FST (Bit) In FST (Word) In Flags Out Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |