Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APR12/D Fiches technique(PDF) 83 Page - NXP Semiconductors

No de pièce APR12/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR12/D Fiches technique(HTML) 83 Page - NXP Semiconductors

Back Button APR12/D Datasheet HTML 79Page - NXP Semiconductors APR12/D Datasheet HTML 80Page - NXP Semiconductors APR12/D Datasheet HTML 81Page - NXP Semiconductors APR12/D Datasheet HTML 82Page - NXP Semiconductors APR12/D Datasheet HTML 83Page - NXP Semiconductors APR12/D Datasheet HTML 84Page - NXP Semiconductors APR12/D Datasheet HTML 85Page - NXP Semiconductors APR12/D Datasheet HTML 86Page - NXP Semiconductors APR12/D Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 101 page
background image
DSP56001A
Host Port Considerations
MOTOROLA
DSP56001A/D, Rev. 1
4-9
DSP Programming Considerations
SYNCHRONIZATION OF STATUS BITS FROM HOST TO DSP
DMA, HF1, HF0, and HCP, HTDE, and HRDF status bits are set or cleared by the host processor
side of the interface. These bits are individually synchronized to the DSP clock. (Refer to the
User’s Manual for descriptions of these status bits.)
READING HF0 AND HF1 AS AN ENCODED PAIR
Care must be exercised when reading status bits HF0 and HF1 as an encoded pair, because the
four combinations (00, 01, 10, and 11) each have significance. A very small probability exists that
the DSP will read the status bits during transition. Therefore, HF0 and HF1 should be read twice
and checked for consensus.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More