Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APR12/D Fiches technique(PDF) 20 Page - NXP Semiconductors

No de pièce APR12/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR12/D Fiches technique(HTML) 20 Page - NXP Semiconductors

Back Button APR12/D Datasheet HTML 16Page - NXP Semiconductors APR12/D Datasheet HTML 17Page - NXP Semiconductors APR12/D Datasheet HTML 18Page - NXP Semiconductors APR12/D Datasheet HTML 19Page - NXP Semiconductors APR12/D Datasheet HTML 20Page - NXP Semiconductors APR12/D Datasheet HTML 21Page - NXP Semiconductors APR12/D Datasheet HTML 22Page - NXP Semiconductors APR12/D Datasheet HTML 23Page - NXP Semiconductors APR12/D Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 101 page
background image
2-2
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
General Characteristics
Table 2-4
Thermal Characteristics for 132-pin CQFP/PQFP Packages
Thermal Resistance
Symbol
Value
Rating
Junction to Ambient
RθJA
40 (CQFP)
47 (PQFP)
°C/W
Junction to Case (estimated)
RθJC
7.0 (CQFP)
13.0 (PQFP)
°C/W
Note:
1.
See discussion under Design Considerations, Heat Dissipation, page 4-1.
2.
Junction-to-ambient thermal resistance is based on measurements on a horizontal single-sided
Printed Circuit Board per SEMI G38-87 in natural convection. SEMI is Semiconductor Equipment
and Materials International, 805 East Middlefield Road, Mountain View, CA 94043,
(415) 964-5111.
3.
Junction-to-case thermal resistance is based on measurements using a cold plate per SEMI G30-88
with the exception that the cold plate temperature is used for the case temperature.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More