Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APR12/D Fiches technique(PDF) 53 Page - NXP Semiconductors

No de pièce APR12/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR12/D Fiches technique(HTML) 53 Page - NXP Semiconductors

Back Button APR12/D Datasheet HTML 49Page - NXP Semiconductors APR12/D Datasheet HTML 50Page - NXP Semiconductors APR12/D Datasheet HTML 51Page - NXP Semiconductors APR12/D Datasheet HTML 52Page - NXP Semiconductors APR12/D Datasheet HTML 53Page - NXP Semiconductors APR12/D Datasheet HTML 54Page - NXP Semiconductors APR12/D Datasheet HTML 55Page - NXP Semiconductors APR12/D Datasheet HTML 56Page - NXP Semiconductors APR12/D Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 101 page
background image
MOTOROLA
DSP56001A/D, Rev. 1
3-1
SECTION
3
PACKAGING
PIN-OUT AND PACKAGE INFORMATION
This section supplies information about the packages which are available for this product.
Diagrams of the pinouts of each package are included, and tables describing the pins allocated to
each of the signals described in Table 3-1 through Table 3-5.
The DSP56001A is available in 3 packages:
•
132-pin plastic quad flat pack (PQFP), type ‘FC’
•
132-pin ceramic quad flat pack (CQFP), type ‘FE’
•
88-pin Pin Grid Array (PGA), type ‘RC’
Top and bottom views of the each package are shown, together with their pin-outs.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More