Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0603C103CZPB4 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce 0603C103CZPB4
Description  Multilayer Ceramic Chip Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

0603C103CZPB4 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  0603C103CZPB4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Insulation Resistance
(IR)
C
≤.01uF:IR≥1000GΩ
C>.01uF:IR
≥1000/C
Apply rated voltage for 60 seconds at room temperature and
normal humidity (70%RH max)
Dielectric Withstand
Voltage
No evidence of damage or flashover during
the test.
Apply 2.5 times rated voltage for 5 seconds, charge and
discharge current <50mA.
Life Test
(high
temperature
loading test)
DC
Class 1: No more than ±3% or ±0.3pF
whichever is less
Class 2: X7R: ±10% max
Y5V: ±20% max
Apply two times rated voltage at max operating temperature
for 1000 hrs, surge current not exceeding 50mA. Samples
measured after being stored at room temperature for 24 hours
(Class1), or 48 hours (Class 2).
Q or DF
Class 1: C<10pf: Q
≥200+10xC
10<C<30pF: Q
≥275+5/2C
C
≥30pF: Q≥350
Class 2: X7R: DF
≤5%
Y5V: DF
≤7.5%
IR
1000M
Ω or 50ΩF minimum, whichever is
less
Moisture
Resistance
Test
DC
Class 1: No more than ±5% or ±0.5pF
whichever is larger
Class 2: X7R: ±10% max
Y5V: ±30% max
Test samples subjected to 40°C, 90-95% RH for 500 hours.
Samples measured after being stored at room temperature for
24 hours (class 1), or 48 hours (Class2 ).
Q or DF
Class 1: C<10pf: Q
≥200+10xC
10<C<30pF: Q
≥275+5/2C
C
≥30pF: Q≥350
Class 2: X7R: DF
≤5%
Y5V: DF
≤7.5%
IR
1000M
Ω or 50ΩF minimum, whichever is
less
Moisture
Resistance
Load Test
DC
Class 1: No more than ±7.5% or ±0.75pF
whichever is larger
Class 2: X7R: ±10% max
Y5V: ±30% max
Test samples subjected to rated voltage at 40°C, 90-95% RH
for 500 hours, surge current not exceeding 50mA. Samples
measured after being stored at room temperature for 24 hours
(class 1), or 48 hours (Class 2).
Q or DF
Class 1: C<30pf: Q
≥100+100/3xC
C
≥30pF: Q≥200
Class 2: X7R: DF
≤5%
Y5V: DF
≤7.5%
IR
500M
Ω or 25ΩF minimum, whichever is less
Temperature
Cycle
DC
Class 1: No more than ±2.5% or ±0.25pF
whichever is larger
Class 2: X7R: ±5% max
Y5V: ±20% max
5 cycles are done as follows:
1. 15 minutes at room temperature
2. 30 minutes at minimum rated temperature.
3.30 minutes at room temperature.
4.30 minutes at maximum rated temperature.
After 5 cycles, samples measured after being stored at room
temperature for 24 hours (Class 1) or 48 hours (Class 2).
Q or DF As originally specified.
IR
As originally specified.



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com