Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0603C103CZPB4 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce 0603C103CZPB4
Description  Multilayer Ceramic Chip Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

0603C103CZPB4 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  0603C103CZPB4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Capacitance Range-X7R Extended Range
WVDC
0402
0603
0805
0805
0805
0805
1206
1206
1206
10
.033~0.1 .15~.47 .22~.27 .33~.47 .56~1.0
2.2
1.0~1.2 1.5~2.2
4.7
T (mm) 0.5±0.05 0.8±0.07 0.6±0.1 0.85±0.1 1.25±0.1 1.25±0.1 0.85±0.1 1.15±0.1 1.6±0.15
Capacitance Range- X5R Extended Range
Size
0402
0603
0805
1206
1210
1812
2220
6
1
.68~1.0 2.2~4.7 4.7~10
22
47
100
10
.068~.22 .33~.47 2.2~4.7 3.3~10 10~22
22
16
4.7
T(mm) 0.5±0.05 0.8±0.07 1.25±0.1 1.6±0.2 2.5±0.2 2.5±0.2 2.5±0.2
Capacitance Range- Y5V Top
Size
0402
0603
0805
1206
1210
1812
2220
2225
3035
16V
.001~.1
.01~.22
.33~.22
1.0~4.7
3.3~10.0 6.8~15 10~22 10~22
25V .001~.022 .0022~.22
.01~1.0
.01~1.2
.1~1.5 .15~3.3 6.8~22 .68~4.7 1.0~10.0
50V .001~.015 .0022~.15
.01~.68
.01~1.0
.1~1.0 .15~2.2 4.7~10 .68~3.3 1.0~6.8
100V 1500~4700 .01~.033
.01~.22
.01~.33
.22~.68 .1~1.0 1.0~3.3 2.2~3.3
200V 1000~1500 3300~6800 .0047~.033 .0047~.1 .047~.22 .15~.47 .33~1.0 .68~1.5
250V 1000~1500 3300~6800 .0047~.033 .0047~.068 .047~.15 .15~.47 .33~.68 .47~1.0
Capacitance Range- Y5V Extended Range
Size
0402
0603
0805
1206
1210
6V
.47~1.0
2.2
10
22
47
T(mm) 0.5±0.05 0.8±0.07 1.25±0.11 1.6±0.15 2.0±0.2
Size
0402
0603
0805
1206
1206
1210
1210
1812
10V
.22
.47~2.2
2.2~4.7
2.2~10
15~22
10
22
47
T(mm) 0.5±0.05 0.8±0.07 1.25±0.11 1.15±0.1 1.6±.015 1.9±0.2 2.0±0.2 2.5±0.2
Performance Characteristics
Specification
Test Method
Capacitance
Within Specified Tolerance
Class 1:C<1000pF:1MHz±10%, 0.5~5Vrms
C
≥1000pF: 1KHz±10%, 1.0±0.2Vrms
Class 2: 1KHz±10%, 1.0±0.2Vrms
Dissipation Factor (tan
δ or Q)
Class 1: C<30pf: Q
≥400+20xC
C
≥30pF: Q≥1000
Class 2: X7R: DF
≤100GΩ
Y5V: DF
≤.5%
Note: Shaded areas in uF; all others in pF. Additional values and special requests available;
Note: Shaded areas in uF; all others in pF. Additional values and special requests available;
Note: Shaded areas in uF; all others in pF. Additional values and special requests available; contact your local distributor.
contact your local distributor.
contact your local distributor.



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com