Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0603C103CZPB4 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce 0603C103CZPB4
Description  Multilayer Ceramic Chip Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

0603C103CZPB4 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  0603C103CZPB4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 0603C103CZPB4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4. Capacitance Tolerance
Letter
Tolerance
Letter
Tolerance
B*
±0.1pF
J
±5.0%
C*
±0.25pF
K
±10.0%
D*
±0.50pF
M
±20.0%
F
±1.0%
Z
+80/-20%
G
±2.0%
P
+100/-0%
*for values 10pF and less only
5. Voltage Code
Symbol
Voltage
Symbol
Voltage
6
6
V
250
Z
10
7
500
Y
16
A
1000
3
25
S
1500
5
50
G
2000
1
100
H
3000
2
200
J
4000
6. Terminations
Letter
Termination
N
Nickel Barrier
P*
Palladium Silver*
*Not for new designs.
7.Packaging
Letter
Packaging
T
Tape & Reel
B
Bulk
8. Qty per reel (X 1000)
Examples:
4= 4000
1.5= 1,500
10= 10,000
Capacitance Range-NPO
WVDC
0201
0402
0603
0805
1206
1210
25
1.0~470
0.5~1000
0.5~3300
0.5~4700
560~10000
50
1~22
1.0~220
0.5~820
0.5~2200
0.5~3900
560~6800
100
0.5~100
0.5~560
0.5~1000
0.5~1500
560~4700
200
0.5~68
0.5~330
0.5~820
0.5~1000
100~4700
250
0.5~47
0.5~150
0.5~470
0.5~1000
100~4700
500
0.5~470
0.5~820
100~2200
1000
0.5~330
0.5~470
100~1000
2000
1.0~270
100~560
Note: All values in pF. Additional values and special requests are available; contact your local distributor.



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com