Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN250 Fiches technique(PDF) 123 Page - STMicroelectronics

No de pièce SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Fiches technique(HTML) 123 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 119Page - STMicroelectronics SN250 Datasheet HTML 120Page - STMicroelectronics SN250 Datasheet HTML 121Page - STMicroelectronics SN250 Datasheet HTML 122Page - STMicroelectronics SN250 Datasheet HTML 123Page - STMicroelectronics SN250 Datasheet HTML 124Page - STMicroelectronics SN250 Datasheet HTML 125Page - STMicroelectronics SN250 Datasheet HTML 126Page - STMicroelectronics SN250 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 130 page
background image
SN250
Register address table
123/130
Block:
TIMER1
4500–4514 Timer 1 control and status registers
Address
Name
Type
Reset
0x4500
TMR1_CNT
RW
0x0000
Timer 1 counter
0x4502
TMR1_CAPA
R
0x0000
Timer 1 capture A
0x4504
TMR1_CAPB
R
0x0000
Timer 1 capture B
0x4506
TMR1_TOP
RW
0xFFFF
Timer 1 threshold
0x4508
TMR1_CMPA
RW
0x0000
Timer 1 compare A
0x450A
TMR1_CMPB
RW
0x0000
Timer 1 compare B
0x450C
TMR1_CFG
RW
0x0000
Timer 1 config
0x450E
TMR1_CMPCFGA RW
0x0000
Timer 1 output A config
0x4510
TMR1_CMPCFGB RW
0x0000
Timer 1 output B config
0x4512
TMR1_CAPCFGA
RW
0x0000
Timer 1 input capture A config
0x4514
TMR1_CAPCFGB
RW
0x0000
Timer 1 input capture B config
Block:
TIMER2
4580–4594 Timer 2 control and status registers
Address
Name
Type
Reset
0x4580
TMR2_CNT
RW
0x0000
Timer 2 counter
0x4582
TMR2_CAPA
R
0x0000
Timer 2 capture A
0x4584
TMR2_CAPB
R
0x0000
Timer 2 capture B
0x4586
TMR2_TOP
RW
0xFFFF
Timer 2 threshold
0x4588
TMR2_CMPA
RW
0x0000
Timer 2 compare A.
0x458A
TMR2_CMPB
RW
0x0000
Timer 2 compare B
0x458C
TMR2_CFG
RW
0x0000
Timer 2 config
0x458E
TMR2_CMPCFGA RW
0x0000
Timer 2 output A config
0x4590
TMR2_CMPCFGB RW
0x0000
Timer 2 output B config
0x4592
TMR2_CAPCFGA
RW
0x0000
Timer 2 input capture A config
0x4594
TMR2_CAPCFGB
RW
0x0000
Timer 2 input capture B config
Table 40.
Register address table (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More