| Moteur de recherche de fiches techniques de composants électroniques |
|
SN250 Fiches technique(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250 Fiches technique(HTML) 81 Page - STMicroelectronics |
|
81 / 130 page ![]() SN250 Functional description—application modules 81/130 SC2_DMACTRL [0x4418] 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 0 0 0 0 0 0 0 SC_ TXDMARST SC_ RXDMARST SC_TXLODB SC_TXLODA SC_RXLODB SC_RXLODA 0-R 7 0-R 6 0-W 5 0-W 4 0-RW 3 0-RW 2 0-RW 1 0-RW 0 SC_TXDMARST [5] Setting this bit will reset the transmit DMA. The bit is autocleared. SC_RXDMARST [4] Setting this bit will reset the receive DMA. This bit is autocleared. SC_TXLODB [3] Setting this bit loads DMA transmit buffer B addresses and starts the DMA controller processing transmit buffer B. This bit is autocleared when DMA completes. Writing a zero to this bit will not have any effect. Reading this bit as one indicates DMA processing for buffer B is active or pending. Reading this bit as zero indicates DMA processing for buffer B is complete or idle. SC_TXLODA [2] Setting this bit loads DMA transmit buffer A addresses and starts the DMA controller processing transmit buffer A. This bit is autocleared when DMA completes. Writing a zero to this bit will not have any effect. Reading this bit as one indicates DMA processing for buffer A is active or pending. Reading this bit as zero indicates DMA processing for buffer A is complete or idle. SC_RXLODB [1] Setting this bit loads DMA receive buffer B addresses and starts the DMA controller processing receive buffer B. This bit is autocleared when DMA completes. Writing a zero to this bit will not have any effect. Reading this bit as one indicates DMA processing for buffer B is active or pending. Reading this bit as zero indicates DMA processing for buffer B is complete or idle. SC_RXLODA [0] Setting this bit loads DMA receive buffer A addresses and starts the DMA controller processing receive buffer A. This bit is autocleared when DMA completes. Writing a zero to this bit will not have any effect. Reading this bit as one indicates DMA processing for buffer A is active or pending. Reading this bit as zero indicates DMA processing for buffer A is complete or idle. |