Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN250 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 55Page - STMicroelectronics SN250 Datasheet HTML 56Page - STMicroelectronics SN250 Datasheet HTML 57Page - STMicroelectronics SN250 Datasheet HTML 58Page - STMicroelectronics SN250 Datasheet HTML 59Page - STMicroelectronics SN250 Datasheet HTML 60Page - STMicroelectronics SN250 Datasheet HTML 61Page - STMicroelectronics SN250 Datasheet HTML 62Page - STMicroelectronics SN250 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 130 page
background image
SN250
Functional description—application modules
59/130
SC1_I2CCTRL2 [0x44A8]
SC1_I2CSTAT [0x44A2]
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-R
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SC_I2CACK
0-R
7
0-R
6
0-R
5
0-R
4
0-R
3
0-R
2
0-R
1
0-RW
0
SC_I2CACK
[0]
Setting this bit will signal ACK after a received byte. Clearing this bit will signal NACK
after a received byte.
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-R
0
0
0
0
0
0
0
0
0
0
0
0
SC_
I2CCMDFIN
SC_
I2CRXFIN
SC_
I2CTXFIN
SC_
I2CRXNAK
0-R
7
0-R
6
0-R
5
0-R
4
0-R
3
0-R
2
0-R
1
0-R
0
SC_I2CCMDFIN
[3]
This bit is set when a START or STOP command completes. It autoclears on next bus
activity.
SC_I2CRXFIN
[2]
This bit is set when a byte is received. It autoclears on next bus activity.
SC_I2CTXFIN
[1]
This bit is set when a byte is transmitted. It autoclears on next bus activity.
SC_I2CRXNAK
[0]
This bit is set when a NACK is received from the slave. It autoclears on next bus
activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More