| Moteur de recherche de fiches techniques de composants électroniques |
|
FS6408 Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS6408 Fiches technique(HTML) 7 Page - NXP Semiconductors |
|
7 / 111 page ![]() NXP Semiconductors 7 FS6407/FS6408 43 VCCA A_OUT VCCA output voltage. External PNP ballast transistor. Collector connection 44 GATE_LS A_OUT Low-side MOSFET gate drive for “Non-inverting Buck-boost” configuration 45 DGND GROUND Digital ground connection 46 BOOT_PRE A_IN/OUT Bootstrap capacitor for the VPRE internal NMOS gate drive 47 SW_PRE2 A_IN Second pre-regulator switching point 48 SW_PRE1 A_IN First pre-regulator switching point Table 2. FS6407/FS6408 pin definition (continued) Pin Number Pin Name Type Definition |