| Moteur de recherche de fiches techniques de composants électroniques |
|
FS6408 Fiches technique(PDF) 68 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS6408 Fiches technique(HTML) 68 Page - NXP Semiconductors |
|
68 / 111 page ![]() 68 NXP Semiconductors FS6407/FS6408 7.3.4 INIT IO_WU1 Table 22. INIT CAN. Description and configuration of the bits (default value in bold) CAN_wu_conf Description Define the CAN wake-up mechanism 0 3 dominant pulses 1 Single dominant pulse Reset condition Power On Reset CAN_wu_to Description Define the CAN wake-up timeout (in case of CAN_wu_conf = 0) 0 120 µs 1 360 µs Reset condition Power On Reset Table 23. INIT IO_WU1 register description Write bit15 bit14 bit13 bit12 bit11 bit10 bit9 bit8 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 MOSI 1 0 0 0 1 0 0 P WU_0_1 WU_0_0 WU_1_1 WU_1_0 WU_2_1 WU_2_0 INT_inh _IO_1 INT_inh _IO_0 MISO SPI_G WU CAN_G Reserve d IO_G Vpre_G Vcore_G Vothers _G WU_0_1 WU_0_0 WU_1_1 WU_1_0 WU-2-1 WU_2_0 INT_inh _IO_1 INT_inh _IO_0 Read bit15 bit14 bit13 bit12 bit11 bit10 bit9 bit8 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 MOSI 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 MISO SPI_G WU CAN_G Reserve d IO_G Vpre_G Vcore_G Vothers _G WU_0_1 WU_0_0 WU_1_1 WU_1_0 WU-2-1 WU_2_0 INT_inh _IO_1 INT_inh _IO_0 Table 24. INIT IO_WU1. Description and configuration of the bits (default value in bold) WU_0_1:0 Description Wake-up configuration for IO_0 00 NO wake-up capability 01 Wake-up on rising edge only 10 Wake-up on falling edge only 11 Wake-up on any edge Reset condition Power On Reset WU_1_1:0 Description Wake-up configuration for IO_1 00 NO wake-up capability 01 Wake-up on rising edge only 10 Wake-up on falling edge only 11 Wake-up on any edge Reset condition Power On Reset |