Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS6408 Fiches technique(PDF) 69 Page - NXP Semiconductors

No de pièce FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Fiches technique(HTML) 69 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 65Page - NXP Semiconductors FS6408 Datasheet HTML 66Page - NXP Semiconductors FS6408 Datasheet HTML 67Page - NXP Semiconductors FS6408 Datasheet HTML 68Page - NXP Semiconductors FS6408 Datasheet HTML 69Page - NXP Semiconductors FS6408 Datasheet HTML 70Page - NXP Semiconductors FS6408 Datasheet HTML 71Page - NXP Semiconductors FS6408 Datasheet HTML 72Page - NXP Semiconductors FS6408 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 111 page
background image
NXP Semiconductors
69
FS6407/FS6408
7.3.5
INIT IO_WU2
WU_2_1:0
Description
Wake-up configuration for IO_2
00
NO wake-up capability
01
Wake-up on rising edge only
10
Wake-up on falling edge only
11
Wake-up on any edge
Reset condition
Power On Reset
INT_inh_IO_1
Description
Inhibit the INT pulse for IO_1. IO_1 masked in IO_G. Avoid INT when used in FS
0
INT NOT masked
1INT masked
Reset condition
Power On Reset
INT_inh_IO_0
Description
Inhibit the INT pulse for IO_0. IO_0 masked in IO_G. Avoid INT when used in FS
0
INT NOT masked
1INT masked
Reset condition
Power On Reset
Table 25. INIT IO_WU2 register description
Write
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
1
0
0
0
1
0
1
P
WU_3_1 WU_3_0 WU_4_1 WU_4_0 WU_5_1 WU_5_0
INT_inh
_IO_23
INT_inh
_IO_45
MISO
SPI_G
WU
CAN_G Reserved
IO_G
Vpre_G
Vcore_
G
Vothers
_G
WU_3_1 WU_3_0 WU_4_1 WU_4_0 WU_5_1 WU_5_0
INT_inh
_IO_23
INT_inh
_IO_45
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
0
0
0
0
1
0
1
0
0
0
0
0
0
0
0
0
MISO
SPI_G
WU
CAN_G Reserved
IO_G
Vpre_G
Vcore_
G
Vothers
_G
WU_3_1 WU_3_0 WU_4_1 WU_4_0 WU_5_1 WU_5_0
INT_inh
_IO_23
INT_inh
_IO_45
Table 26. INIT IO_WU2. Description and configuration of the bits (default value in bold)
WU_3_1:0
Description
Wake-up configuration for IO_3
00
NO wake-up capability
01
Wake-up on rising edge only
10
Wake-up on falling edge only
11
Wake-up on any edge
Reset condition
Power On Reset
Table 24. INIT IO_WU1. Description and configuration of the bits (default value in bold) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More