Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RA4E2 Fiches technique(PDF) 15 Page - Renesas Technology Corp

No de pièce RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Fiches technique(HTML) 15 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 11Page - Renesas Technology Corp RA4E2 Datasheet HTML 12Page - Renesas Technology Corp RA4E2 Datasheet HTML 13Page - Renesas Technology Corp RA4E2 Datasheet HTML 14Page - Renesas Technology Corp RA4E2 Datasheet HTML 15Page - Renesas Technology Corp RA4E2 Datasheet HTML 16Page - Renesas Technology Corp RA4E2 Datasheet HTML 17Page - Renesas Technology Corp RA4E2 Datasheet HTML 18Page - Renesas Technology Corp RA4E2 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
Table 1.14
Pin list (2 of 2)
Power, System,
Clock, Debug,
CAC
I/O ports
Ex. Interrupt
SCI/I3C/SPI/
CANFD/USBFS/
SSIE/CEC
GPT/AGT/RTC
ADC12/DAC12
36
C2
28
—
—
—
P111
IRQ4
SCK9/RSPCKA_B/
SSIDATA0_B
—
—
37
D1
29
—
—
—
P112
—
SSLA0_B/QSSL
GTETRGD/AGTO1
—
38
D2
—
—
—
—
P113
—
—
—
—
39
E4
30
C3
20
VCC
—
—
—
—
—
40
E5
31
C4
21
VSS
—
—
—
—
—
41
D3
—
—
—
—
P107
—
SSLA2_B
AGTOA0
—
42
E3
—
—
—
—
P106
—
SSLB3
AGTOB0
—
43
E2
—
—
—
—
P105
IRQ0
SSLB2
GTIOC1A/GTETRGA
—
44
E1
32
—
—
—
P104
IRQ1
SSLB1/QIO2
GTIOC1B/
GTETRGB/AGTIO1
—
45
F3
33
D2
—
—
P103
—
CTS_RTS0/SS0/
SSLB0/CTX0/
SSILRCK0_B/
SSIFS0_B
GTOWUP
—
46
F2
34
D1
22
—
P102
—
SCK0/RSPCKB/
CRX0/SSIBCK0_B
GTOWLO/AGTO0
ADTRG0
47
F1
35
E1
23
—
P101
IRQ1
TXD0/MOSI0/SDA0/
I3C_SDA/SDA0_D/
MOSIB
GTIOC5A/
GTETRGB/AGTEE0
—
48
G1
36
F1
24
—
P100
IRQ2
RXD0/MISO0/SCL0/
I3C_SCL/SCL0_D/
MISOB/AUDIO_CLK
GTIOC5B/
GTETRGA/AGTIO0
—
49
H1
37
—
—
CACREF
P500
—
—
GTIU/AGTOA0
AN016
50
G2
—
—
—
—
P008
IRQ12-DS
—
—
AN008
51
H2
—
—
—
—
P006
IRQ11-DS
—
—
AN006
52
G3
38
—
—
—
P015
IRQ13
—
—
AN013
53
H3
39
E2
25
—
P014
—
—
—
AN012/DA0
54
H4
40
—
—
—
P013
—
—
—
AN011
55
H5
41
F2
26
—
P003
—
—
—
AN007
56
F4
42
E3
27
VREFH/AVCC0
—
—
—
—
—
57
F5
43
E4
28
VREFL/AVSS0
—
—
—
—
—
58
G5
44
F4
29
VREFL0
—
—
—
—
—
59
G4
45
F3
30
VREFH0
—
—
—
—
—
60
H6
—
—
—
—
P005
IRQ10-DS
—
—
AN005
61
G6
—
—
—
—
P004
IRQ9-DS
—
—
AN004
62
G7
46
—
31
—
P002
IRQ8-DS
—
—
AN002
63
H7
47
F5
32
—
P001
IRQ7-DS
—
—
AN001
64
H8
48
F6
1
—
P000
IRQ6-DS
—
—
AN000
Note:
Several pin names have the added suffix of _A, _B, _C, and _D. The suffix can be ignored when assigning functionality.
Note 1. XCIN cannot be used in QFN32. XCIN must be connected to VSS through a resistor (pull down).
RA4E2 Datasheet
1. Overview
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 15 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90