| Moteur de recherche de fiches techniques de composants électroniques |
|
RA4E2 Fiches technique(PDF) 56 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4E2 Fiches technique(HTML) 56 Page - Renesas Technology Corp |
|
56 / 90 page ![]() 0.7×VDD 0.3×VDD tCR tCF tHIGH tDIG_H tLOW tDIG_L Figure 2.43 tDIG_H and tDIG_L A6 A5 C1 A0 D7 D6 D0 ACK SDA C2 C7 C8 C9 RnW ACK C1 C2 C8 C9 SCL SDR Transfer 0.7×VDD 0.3×VDD 0.7×VDD 0.3×VDD = Open-Drain Pull-Up closs = High Speed Active Push-Pull Drive D7 0.7×VDD SDA D6 ACK 0.3×VDD RnW MST_SDA 0.7×VDD 0.3×VDD 0.7×VDD 0.3×VDD SLV_SDA SCL C8 tSCO*1 Timing parameters used tSU_OD Open-Drain tSCO*1 Open-Drain or Push-Pull tSU_PP C9 C1 Push-Pull Push-Pull C2 0.7×VDD 0.3×VDD Transition from Open-Drain to Push-Pull SCL clocks are showm identical for OD and PP even though they differ substantially Note: Open-Drain: Master releases SDA after a suitable delay from SCL edges Push-Pull: Master drives SDA after a suitable delay from SCL edges Note 1: tSCO is depicted for informative purposes only = Active Drive by Master or Slave = Open-Drain Pull-Up class by Master = High-Z by Slave Figure 2.44 I3C data transfer – ACK by slave RA4E2 Datasheet 2. Electrical Characteristics R01DS0413EJ0110 Rev.1.10 Feb 28, 2023 Page 56 of 90 |