| Moteur de recherche de fiches techniques de composants électroniques |
|
RA4E2 Fiches technique(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4E2 Fiches technique(HTML) 11 Page - Renesas Technology Corp |
|
11 / 90 page ![]() Table 1.13 Pin functions (3 of 3) Function Signal I/O Description Analog power supply AVCC0 Input Analog voltage supply pin. This is used as the analog power supply for the respective modules. Supply this pin with the same voltage as the VCC pin. AVSS0 Input Analog ground pin. This is used as the analog ground for the respective modules. Supply this pin with the same voltage as the VSS pin. VREFH Input Analog reference voltage supply pin for the D/A Converter. VREFL Input Analog reference ground pin for the D/A Converter. VREFH0 Input Analog reference voltage supply pin for the ADC12. Connect this pin to AVCC0 when not using the ADC12. VREFL0 Input Analog reference ground pin for the ADC12. Connect this pin to AVSS0 when not using the ADC12. ADC12 AN0n Input Input pins for the analog signals to be processed by the A/D converter. (n: pin number) ADTRG0 Input Input pins for the external trigger signals that start the A/D conversion, active-low. DAC12 DAn Output Output pins for the analog signals processed by the D/A converter. I/O ports Pmn I/O General-purpose input/output pins (m: port number, n: pin number) P200 Input General-purpose input pin RA4E2 Datasheet 1. Overview R01DS0413EJ0110 Rev.1.10 Feb 28, 2023 Page 11 of 90 |