| Moteur de recherche de fiches techniques de composants électroniques |
|
AC05 Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
AC05 Fiches technique(HTML) 3 Page - NXP Semiconductors |
|
3 / 24 page ![]() 2000 Oct 20 3 BCcomponents Product specification Cemented wirewound resistors AC01/03/04/05/07/10/15/20 ORDERING INFORMATION Table 1 Ordering code indicating resistor type and packaging Notes 1. Products with bent leads and loose in box, are available on request. 2. Last 3 digits available on request. TYPE ORDERING CODE 23.. ... ..... LOOSE IN BOX BANDOLIER IN AMMOPACK STRAIGHT LEADS RADIAL STRAIGHT LEADS 100 units 2 500 units 500 units 1 000 units AC01 − 06 328 90...(2) − 06 328 33... AC03(1) −− 22 329 03... − AC04(1) −− 22 329 04... − AC05(1) −− 22 329 05... − AC07(1) −− 22 329 07... − AC10 −− 22 329 10... − AC15 22 329 15... −− − AC20 22 329 20... −− − Ordering code (12NC) • The resistors have a 12-digit ordering code starting with 23 • The subsequent 7 digits indicate the resistor type and packaging; see Table 1. • The remaining 3 digits indicate the resistance value: – The first 2 digits indicate the resistance value. – The last digit indicates the resistance decade in accordance with Table 2. Table 2 Last digit of 12NC RESISTANCE DECADE LAST DIGIT 0.1to0.91 Ω 7 1to9.1 Ω 8 10 to 91 Ω 9 100to910 Ω 1 1to9.1 k Ω 2 10 to 56 k Ω 3 ORDERING EXAMPLE The ordering code of an AC01 resistor, value 47 Ω, supplied in ammopack of 1000 units is: 2306 328 33479. Product specifications deviating from the standard values are available on request. |