| Moteur de recherche de fiches techniques de composants électroniques |
|
AC05 Fiches technique(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
AC05 Fiches technique(HTML) 15 Page - NXP Semiconductors |
|
15 / 24 page ![]() 2000 Oct 20 15 BCcomponents Product specification Cemented wirewound resistors AC01/03/04/05/07/10/15/20 Fig.20 Pulse on a regular basis; maximum permissible peak pulse power as a function of pulse duration (ti). P ˆ max () AC15 1 CCB388 10−1 10−2 10−3 10−4 1 10 102 103 105 104 ti (s) Pmax (W) ˆ tp/ti = 1000 tp/ti = 200 tp/ti = 50 tp/ti = 10 tp/ti = 2 0.33 Ω 4.3 Ω 33 Ω 330 Ω 39 k Ω Fig.21 Pulse capability; Ws as a function of Rn. AC15 103 105 104 102 10 1 10−1 CCB389 103 102 10−4 10−1 10−2 10−3 10 1 Rn (Ω) pulse energy (Ws/ Ω) |