| Moteur de recherche de fiches techniques de composants électroniques |
|
AC05 Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
AC05 Fiches technique(HTML) 7 Page - NXP Semiconductors |
|
7 / 24 page ![]() 2000 Oct 20 7 BCcomponents Product specification Cemented wirewound resistors AC01/03/04/05/07/10/15/20 Fig.4 Pulse on a regular basis; maximum permissible peak pulse voltage as a function of pulse duration (ti). V ˆ max () AC01 1500 0 500 10−6 10−5 10−4 10−3 10−2 10−1 1 CCB372 1000 ti (s) Vmax (V) ˆ Fig.5 Pulse on a regular basis; maximum permissible peak pulse power as a function of pulse duration (ti). P ˆ max () AC03 1 CCB373 10−1 10−2 10−3 10−4 10−1 1 10 102 103 104 Pmax (W) ti (s) ˆ tp/ti = 1000 tp/ti = 200 tp/ti = 50 tp/ti = 10 tp/ti = 2 0.1 Ω 1 Ω 10 Ω 110 Ω 4.7 k Ω |