Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST33TPHF2XSPI Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 25Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 26Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 27Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 28Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 29Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 30Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 31Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 32Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Appendix B Referenced documents
The following materials are to be used in conjunction with or are referenced by this document.
[TPM 2.0 P1 r159]
TPM Library, Part 1, Architecture, Family 2.0, rev 1.59, TCG
[TPM 2.0 P2 r159]
TPM Library, Part 2, Structures, Family 2.0, rev 1.59, TCG
[TPM 2.0 P3 r159]
TPM Library, Part 3, Commands, Family 2.0, rev 1.59, TCG
[TPM 2.0 P4 r159]
TPM Library, Part 4, Supporting routines, Family 2.0, rev 1.59, TCG
[TPM 2.0 rev159 Err 1.1]
[PTP 2.0 r1.05]
TCG PC Client Platform TPM Profile (PTP) for TPM 2.0 Version 1.05 Revision 14, TCG
[PKCS#1]
PKCS#1: v2.1 RSA Cryptography Standard, RSA Laboratories
[AN2639]
Application note, Soldering recommendations and package information for Lead-free
ECOPACK microcontrollers, STMicroelectronics
[TCG EK Cre Profile TPM 2.3] TCG EK credential profile for TPM Family 2.0 Level 0. Specification Version 2.3 Revision 2, 23
July 2020, TCG.
[TPM 2.0 PP]
TCG Protection Profile for PC Client Specific TPM 2.0 Library Revision 1.59; Version 1.3
[SP800-90B]
Recommendation for the entropy sources used for random bit generation, January 2018, NIST
[SP800-90Ar1]
Recommendation for random number generation using deterministic random bit generators,
June 2015, NIST
ST33TPHF2XSPI
Referenced documents
DS14186 - Rev 1
page 29/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35