| Moteur de recherche de fiches techniques de composants électroniques |
|
ST33TPHF2XSPI Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF2XSPI Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 35 page ![]() 3.2.2 Command response buffer interface Table 4. List of CRB register space addresses Locality 0 Register name Locality 1 Register name Locality 2 Register name Locality 3 Register name Locality 4 Register name 0x0003- 0x0000 TPM_LOC_STATE_0 0x1003- 1000 TPM_LOC_STATE_1 0x2000- 0x2003 TPM_LOC_STATE_2 0x3000- 0x3003 TPM_LOC_STATE_3 0x4000- 0x4003 TPM_LOC_STATE_4 0x000B- 0x0008 TPM_LOC_CTRL_0 0x100B- 1008 TPM_LOC_CTRL_1 0x200B- 0x2008 TPM_LOC_CTRL_2 0x300B- 0x30008 TPM_LOC_CTRL_3 0x400B- 0x4008 TPM_LOC_CTRL_4 0x000F- 0x000C TPM_LOC_STS_0 0x100F- 100C TPM_LOC_STS_1 0x200F- 0x200C TPM_LOC_STS_2 0x300F- 0x300C TPM_LOC_STS_3 0x400F- 0x400C TPM_LOC_STS_4 0x002F- 0x0010 Reserved 0x102F- 1010 Reserved 0x202F- 0x2010 Reserved 0x302F- 0x3010 Reserved 0x402F- 0x4010 Reserved 0x0037- 0x0030 TPM_INTERFACE_ IDENTIFIER_0 0x1037- 1030 TPM_INTERFACE_ IDENTIFIER_1 0x2037- 0x2030 TPM_INTERFACE_ IDENTIFIER_2 0x3037- 0x3030 TPM_INTERFACE_ IDENTIFIER_3 0x4037- 0x4030 TPM_INTERFACE_ IDENTIFIER_4 0x003F- 0x0038 TPM_CRB_CTRL_EXT_0 0x103F- 0x1038 Reserved 0x203F- 0x2038 Reserved 0x303F- 0x3038 Reserved 0x403F- 0x4038 Reserved 0x0043- 0x0040 TPM_CRB_CTRL_REQ_0 0x1043- 0x1040 TPM_CRB_CTRL_REQ_1 0x2043- 0x2040 TPM_CRB_CTRL_REQ_2 0x3043- 0x3040 TPM_CRB_CTRL_REQ_3 0x4043- 0x4040 TPM_CRB_CTRL_REQ_4 0x0047- 0x0044 TPM_CRB_CTRL_STS_0 0x1047- 0x1044 TPM_CRB_CTRL_STS_1 0x2047- 0x2044 TPM_CRB_CTRL_STS_2 0x3047- 0x3044 TPM_CRB_CTRL_STS_3 0x4047- 0x4044 TPM_CRB_CTRL_STS_4 0x004B- 0x0048 TPM_CRB_CTRL_ CANCEL_0 0x104B- 0x1048 TPM_CRB_CTRL_ CANCEL_1 0x204B- 0x2048 TPM_CRB_CTRL_ CANCEL_2 0x304B- 0x3048 TPM_CRB_CTRL_ CANCEL_3 0x404B- 0x14048 TPM_CRB_CTRL_ CANCEL_4 0x004F- 0x004C TPM_CRB_CTRL_ START_0 0x104F- 0x104C TPM_CRB_CTRL_ START_1 0x204F- 0x204C TPM_CRB_CTRL_ START_2 0x304F- 0x304C TPM_CRB_CTRL_ START_3 0x404F- 0x404C TPM_CRB_CTRL_ START_4 0x0057- 0x0050 TPM_CRB_CTRL_INT_0 0x1057- 0x1050 TPM_CRB_CTRL_INT_1 0x2057- 0x2050 TPM_CRB_CTRL_INT_2 0x3057- 0x3050 TPM_CRB_CTRL_INT_3 0x4057- 0x4050 TPM_CRB_CTRL_INT_4 0x005B- 0x0058 TPM_CRB_CTRL_CMD_ SIZE_0 0x105B- 0x1058 TPM_CRB_CTRL_CMD_ SIZE_1 0x205B- 0x2058 TPM_CRB_CTRL_CMD_ SIZE_2 0x305B- 0x3058 TPM_CRB_CTRL_CMD_ SIZE_3 0x405B- 0x4058 TPM_CRB_CTRL_CMD_ SIZE_4 0x005F- 0x005C TPM_CRB_CTRL_CMD_ LADDR_0 0x105F- 0x105C TPM_CRB_CTRL_CMD_ LADDR_1 0x205F- 0x205C TPM_CRB_CTRL_CMD_ LADDR_2 0x305F- 0x305C TPM_CRB_CTRL_CMD_ LADDR_3 0x405F- 0x405C TPM_CRB_CTRL_CMD_ LADDR_4 0x0063- 0x0060 TPM_CRB_CTRL_CMD_ HADDR_0 0x1063- 0x1060 TPM_CRB_CTRL_CMD_ HADDR_1 0x2063- 0x2060 TPM_CRB_CTRL_CMD_ HADDR_2 0x3063- 0x3060 TPM_CRB_CTRL_CMD_ HADDR_3 0x4063- 0x4060 TPM_CRB_CTRL_CMD_ HADDR_4 0x0067- 0x0064 TPM_CRB_CTRL_RSP_ SIZE_0 0x1067- 0x1064 TPM_CRB_CTRL_RSP_ SIZE_1 0x2067- 0x2064 TPM_CRB_CTRL_RSP_ SIZE_2 0x3067- 0x3064 TPM_CRB_CTRL_RSP_ SIZE_3 0x4067- 0x4064 TPM_CRB_CTRL_RSP_ SIZE_4 0x006F- 0x0068 TPM_CRB_CTRL_RSP_ ADDR_0 0x106F- 0x1068 TPM_CRB_CTRL_RSP_ ADDR_1 0x206F- 0x2068 TPM_CRB_CTRL_RSP_ ADDR_2 0x306F- 0x3068 TPM_CRB_CTRL_RSP_ ADDR_3 0x406F- 0x4068 TPM_CRB_CTRL_RSP_ ADDR_4 0x007F- 0x0070 Reserved 0x107F- 0x1070 Reserved 0x207F- 0x2070 Reserved 0x307F- 0x3070 Reserved 0x407F- 0x4070 Reserved 0x0880- 0x0080 TPM_CRB_DATA_ BUFFER_0 0x1880- 0x1080 TPM_CRB_DATA_ BUFFER_1 0x2880- 0x2080 TPM_CRB_DATA_ BUFFER_2 0x3880- 0x3080 TPM_CRB_DATA_ BUFFER_3 0x4880- 0x4080 TPM_CRB_DATA_ BUFFER_4 0x0FFF- 0x0881 Reserved 0x1FFF- 0x1881 Reserved 0x2FFF- 0x2881 Reserved 0x3FFF- 0x3881 Reserved 0x4FFF- 0x4881 Reserved |