| Moteur de recherche de fiches techniques de composants électroniques |
|
ST33TPHF2XSPI Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF2XSPI Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 35 page ![]() Table 12. VFQFPN32 - mechanical data Symbol millimeters inches(1) Min. Typ. Max. Min. Typ. Max. A 0.800 0.900 1.000 0.0315 0.0354 0.0394 A1 0.000 0.020 0.050 0.0000 0.0008 0.0020 A3 - 0.200 - - 0.0079 - b 0.180 0.250 0.300 0.0071 0.0098 0.0118 D 4.850 5.000 5.150 0.1909 0.1969 0.2028 D2 3.500 3.600 3.700 0.1378 0.1417 0.1457 E 4.850 5.000 5.150 0.1909 0.1969 0.2028 E2 3.500 3.600 3.700 0.1378 0.1417 0.1457 e - 0.500 - - 0.0197 - L 0.300 0.400 0.500 0.0118 0.0157 0.0197 ddd - - 0.050 - - 0.0020 1. Values in inches are converted from mm and rounded to 4 decimal digits. Figure 14. VFQFPN32 - recommended footprint All dimensions are in millimeters. 1 25 24 17 16 8 9 32 5.30 3.80 0.60 0.75 3.45 0.50 0.30 ST33TPHF2XSPI VFQFPN32 package information DS14186 - Rev 1 page 20/35 |