Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LIS2DUXS12 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 32Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 33Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 34Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 35Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 36Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 37Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 38Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 39Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 104 page
background image
7
Register mapping
The table given below provides a list of the 8-bit registers embedded in the device and the corresponding
addresses.
Table 19. Register map
Name
Type(1)
Register address
Default
Comment
Hex
Binary
PIN_CTRL
R/W
0C
00001100
00000000
WAKE_UP_DUR_EXT
R/W
0E
00001110
00000000
WHO_AM_I
R
0F
00001111
01000111
CTRL1
R/W
10
00010000
00010000
CTRL2
R/W
11
00010001
00000000
CTRL3
R/W
12
00010010
00000000
CTRL4
R/W
13
00010011
00000000
CTRL5
R/W
14
00010100
00000000
FIFO_CTRL
R/W
15
00010101
00000000
FIFO_WTM
R/W
16
00010110
00000000
INTERRUPT_CFG
R/W
17
00010111
00000000
SIXD
R/W
18
00011000
00000000
WAKE_UP_THS
R/W
1C
00011100
00000000
WAKE_UP_DUR
R/W
1D
00011101
00000000
FREE_FALL
R/W
1E
00011110
00000000
MD1_CFG
R/W
1F
00011111
00000000
MD2_CFG
R/W
20
00100000
00000000
WAKE_UP_SRC
R
21
00100001
00000000
TAP_SRC
R
22
00100010
00000000
SIXD_SRC
R
23
00100011
00000000
ALL_INT_SRC
R
24
00100100
00000000
STATUS
R
25
00100101
00000000
FIFO_STATUS1
R
26
00100110
00000000
FIFO_STATUS2
R
27
00100111
00000000
OUT_X_L
R
28
00101000
00000000
OUT_X_H
R
29
00101001
00000000
OUT_Y_L
R
2A
00101010
00000000
OUT_Y_H
R
2B
00101011
00000000
OUT_Z_L
R
2C
00101100
00000000
OUT_Z_H
R
2D
00101101
00000000
OUT_T_AH_QVAR_L
R
2E
00101110
00000000
OUT_T_AH_QVAR_H
R
2F
00101111
00000000
AH_QVAR_CFG
R/W
31
00110001
00000000
SELF_TEST
R/W
32
00110010
00000000
I3C_IF_CTRL
R/W
33
00110011
00000000
LIS2DUXS12
Register mapping
DS14035 - Rev 2
page 36/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More