| Moteur de recherche de fiches techniques de composants électroniques |
|
LIS2DUXS12 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS2DUXS12 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 104 page ![]() 6.3 MIPI I3C® interface 6.3.1 MIPI I3C® slave interface The LIS2DUXS12 interface includes a MIPI I3C® SDR-only slave interface able to work up to 12.5 MHz of the SCL frequency (compliant with release v1.1 of the specification) with MIPI I3C® SDR embedded features: • CCC command • Direct CCC communication (SET and GET) • Broadcast CCC communication • Private communications • Private read and write for single byte • Multiple read and write • In-band interrupt request • Slave reset pattern for reset • Error detection and recovery (S0 - S6) • Group address LIS2DUXS12 MIPI I3C® interface DS14035 - Rev 2 page 33/104 |