Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-332VC Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 19Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 20Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 21Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 22Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 23Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 24Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 25Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 26Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
3
Pinouts and pin description
The BlueNRG-LPS comes in two package versions: WLCSP36 offering 20 GPIOs and QFN32 offering 20 GPIOs.
Figure 7. Pinout top view (QFN32 package)
VDD1
PB4
PB5
RSTN
VCAP VFBSD
VSS
VLXSD
32
31
30
29
28
27
26
25
PB3
1
24
VDDSD
PB2
2
23
PB6
PB1
3
22
PB7
PB0
4
21
AT3/PB12/XTALO
PA3
5
20
AT2/PB13/XTALI
PA2
6
19
AT1/PB14
PA1
7
18
AT0/PB15
PA0
8
17
OSCIN
9
10
11
12
13
14
15
16
PA8
PA9
PA10
PA11
VDD2
RF1 VDDRF OSCOUT
GND PAD
BlueNRG-LPS
Pinouts and pin description
DS13819 - Rev 4
page 23/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67