| Moteur de recherche de fiches techniques de composants électroniques |
|
BLUENRG-332VC Fiches technique(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-332VC Fiches technique(HTML) 56 Page - STMicroelectronics |
|
56 / 67 page ![]() Table 45. WLCSP36 - Mechanical data Symbol millimeters inches(1) Min Typ Max Min Typ Max A - - 0.422 - - 0.0166 A1 0.135 - - 0.0053 - - A2 - 0.225 - - 0.0088 - A3 - 0.025 - - 0.0010 - b 0.193 0.218 0.243 0.0076 0.0085 0.0096 D - 2.652 - - 0.1044 - D1 - 2.078 - - 0.0818 - E - 2.592 - - 0.1020 - E1 - 2.200 - - 0.0866 - e - 0.40 - - 0.0157 - fD - 0.397 - - 0.0156 - fE - 0.335 - - 0.0132 - fG - 0.239 - - 0.0094 - fH - 0.196 - - 0.0077 - ccc - 0.030 - - 0.0012 - 1. Values in inches are converted from mm and rounded to 4 decimal digits. Figure 21. WLCSP36 - Footprint example 0.202 0.0483 2.0784 Grid placement area Dsm Dpad A B C D E F G H J K L M 1 2 3 4 5 6 7 0.3464 TOP VIEW 1. Dimensions are expressed in millimeters. BlueNRG-LPS WLCSP36 package information (01C1) DS13819 - Rev 4 page 56/67 |