Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLT03-1SC3 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce CLT03-1SC3
Description  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-1SC3 Fiches technique(HTML) 4 Page - STMicroelectronics

  CLT03-1SC3 Datasheet HTML 1Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 2Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 3Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 4Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 5Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 6Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 7Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 8Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Table 4. Thermal resistance parameter
Symbol
Parameter
Value
Unit
Rth(j-a)
CLT03-1SC3: Thermal resistance junction to ambient,
according to EIA/JEDEC JESD51-7 and JESD51-5
120
°C/W
Rth(j-a)
CLT03-2Q3: Thermal resistance junction to ambient,
according to EIA/JEDEC JESD51-7 and JESD51-5
41
°C/W
ΨJT
CLT03-2Q3: Thermal characterization parameter from junction
to the top of the package surface (°C/W) according to EIA/
JEDEC JESD51-2A
32
°C/W
CLT03-2Q3, CLT03-1SC3
Absolute maximum ratings
DS12302 - Rev 13
page 4/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24