Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLT03-1SC3 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce CLT03-1SC3
Description  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-1SC3 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button CLT03-1SC3 Datasheet HTML 5Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 6Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 7Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 8Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 9Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 10Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 11Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 12Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
5
Deglitch filter
Figure 6. Deglitch filter
tPLH
tPHL
Signal
input
Signal
output
Internal
buffer
No glitch
Example with glitches
Internal
buffer
Signal
input
Signal
output
To provide the best EMI robustness solution, a deglitch filter based on a non-resettable mono-stable has been
integrated. As described in Figure 6. Deglitch filter, to avoid parasitic spike in output signal when glitches occur in
input signals, the integrated internal buffer cleans the glitch effect.
The output activation and deactivation action times is defined by tPLH and tPHL when no glitch.
CLT03-2Q3, CLT03-1SC3
Deglitch filter
DS12302 - Rev 13
page 9/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24