Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLT03-1SC3 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce CLT03-1SC3
Description  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-1SC3 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button CLT03-1SC3 Datasheet HTML 9Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 10Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 11Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 12Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 13Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 14Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 15Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 16Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
8
Simplified application schematic
Table 8. Configuration compatibility of CLT03 series
Symbol
High Side
Low Side
Isolated
Yes
Yes
Non-isolated
Yes
No
Each circuit given in this section is given for 1 channel only.
For each circuit, the test pulse feature is disabled.
In order to activate the test pulse feature, a capacitor must be added between TP and OUTN (see Section 6 Test
pulse feature description).
Figure 11. High side - isolated configuration - test pulse not activated
CLT03-2Q3, CLT03-1SC3
Simplified application schematic
DS12302 - Rev 13
page 13/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24