| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32G0C1NET3X Fiches technique(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0C1NET3X Fiches technique(HTML) 55 Page - STMicroelectronics |
|
55 / 159 page ![]() - - - - - - - - 71 85 B8 PD7 I/O FT - MCO2 - --- - - - - - - 86 A8 PF9 I/O FT - USART6_TX - - - - - - - - - - 87 B7 PF10 I/O FT - USART6_RX - - - - - - - - - - 88 A7 PF11 I/O FT - USART6_RTS_DE_CK - - - - - - - - - - 89 B6 PF12 I/O FT - TIM15_CH1, USART6_CTS - - - - - - - - - - 90 A6 PF13 I/O FT - TIM15_CH2 - 27-42 42 A8 57 57 B4 72 91 A5 PB3 I/O FT_a - SPI1_SCK/I2S1_CK, TIM1_CH2, TIM2_CH2, USART5_TX, USART1_RTS_DE_CK, I2C3_SCL, EVENTOUT, I2C2_SCL, SPI3_SCK COMP2_INM6 28-43 43 B9 58 58 C4 73 92 B5 PB4 I/O FT_a - SPI1_MISO/I2S1_MCK, TIM3_CH1, USART5_RX, USART1_CTS, TIM17_BKIN, I2C3_SDA, EVENTOUT, I2C2_SDA, SPI3_MISO COMP2_INP0 29 - 44 44 A10 59 59 D4 74 93 C5 PB5 I/O FT - SPI1_MOSI/I2S1_SD, TIM3_CH2, TIM16_BKIN, FDCAN2_RX, LPTIM1_IN1, I2C1_SMBA, COMP2_OUT, USART5_RTS_DE_CK, SPI3_MOSI WKUP6 - - - - - - - - 75 94 A4 PE0 I/O FT - TIM16_CH1, EVENTOUT, TIM4_ETR - - - - - - - - - 76 95 B4 PE1 I/O FT - TIM17_CH1, EVENTOUT - - - - - - - - - - 96 A3 PE2 I/O FT - TIM3_ETR - - - - - - - - - 77 97 A2 PE3 I/O FT - TIM3_CH1 - Table 12. Pin assignment and description (continued) Pin number Pin name Alternate functions Additional functions |