| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32G0C1NET3X Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0C1NET3X Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 159 page ![]() -- 9 9 G12 11 11 G1 13 16 J1 PF1- OSC_OUT I/O FT - OSC_EN, EVENTOUT, TIM15_CH1N OSC_OUT 6 6 10 10 F11 12 12 E2 14 17 G2 PF2-NRST I/O - - MCO, LPUART2_TX, LPUART2_RTS_DE NRST - - - - - - - - - 18 H3 PF3 I/O FT - LPUART2_RX, USART6_RTS_DE_CK - --- - - - - - - 19 H2 PF4 I/O FT - LPUART1_TX - - - - - - - - - - 20 J2 PF5 I/O FT - LPUART1_RX - - - - - - 13 13 E3 15 21 K1 PC0 I/O FT_a - LPTIM1_IN1, LPUART1_RX, LPTIM2_IN1, LPUART2_TX, USART6_TX, I2C3_SCL, COMP3_OUT COMP3_INM7 - - - - - 14 14 F2 16 22 J3 PC1 I/O FT_a - LPTIM1_OUT, LPUART1_TX, TIM15_CH1, LPUART2_RX, USART6_RX, I2C3_SDA COMP3_INP1 - - - - - 15 15 G2 17 23 K2 PC2 I/O FT - LPTIM1_IN2, SPI2_MISO/I2S2_MCK, TIM15_CH2, FDCAN2_RX, COMP3_OUT - - - - - - 16 16 H1 18 24 L1 PC3 I/O FT - LPTIM1_ETR, SPI2_MOSI/I2S2_SD, LPTIM2_ETR, FDCAN2_TX - 7 7 11 11 H13 17 17 H2 19 25 K3 PA0 I/O FT_a - SPI2_SCK/I2S2_CK, USART2_CTS, TIM2_CH1_ETR, USART4_TX, LPTIM1_OUT, UCPD2_FRSTX, COMP1_OUT COMP1_INM8, ADC_IN0, TAMP_IN2, WKUP1 8 8 12 12 E10 18 18 H3 2026L2 PA1 I/O FT_ea - SPI1_SCK/I2S1_CK, USART2_RTS_DE_CK, TIM2_CH2, USART4_RX, TIM15_CH1N, I2C1_SMBA, EVENTOUT COMP1_INP2, ADC_IN1 9 9 13 13 E8 19 19 G3 21 27 M1 PA2 I/O FT_a - SPI1_MOSI/I2S1_SD, USART2_TX, TIM2_CH3, UCPD1_FRSTX, TIM15_CH1, LPUART1_TX, COMP2_OUT COMP2_INM8, ADC_IN2, WKUP4, LSCO Table 12. Pin assignment and description (continued) Pin number Pin name Alternate functions Additional functions |