| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32G0C1NET3X Fiches technique(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0C1NET3X Fiches technique(HTML) 51 Page - STMicroelectronics |
|
51 / 159 page ![]() 15 15 19 19 H7 27 27 F5 29 35 L5 PB0 I/O FT_ea - SPI1_NSS/I2S1_WS, TIM3_CH3, TIM1_CH2N, FDCAN2_RX, USART3_RX, LPTIM1_OUT, UCPD1_FRSTX, COMP1_OUT, USART5_TX, LPUART2_CTS COMP3_INP0, ADC_IN8 16 16 20 20 H5 28 28 G5 30 36 M5 PB1 I/O FT_ea - TIM14_CH1, TIM3_CH4, TIM1_CH3N, FDCAN2_TX, USART3_RTS_DE_CK, LPTIM2_IN1, LPUART1_RTS_DE, COMP3_OUT, USART5_RX, LPUART2_RTS_DE COMP1_INM6, ADC_IN9 17 - 21 21G429 29 H7 31 37 L6 PB2 I/O FT_ea - SPI2_MISO/I2S2_MCK, MCO2, USART3_TX, LPTIM1_OUT, EVENTOUT COMP1_INP1, COMP3_INM6, ADC_IN10 - - - - - - - - - 38 M6 PF6 I/O FT - LPUART1_RTS_DE - - - - - - - - - - 39 L7 PF7 I/O FT - LPUART1_CTS, USART5_CTS - - - - - - - - - 32 40 M7 PE7 I/O FT_a - TIM1_ETR, USART5_RTS_DE_CK COMP3_INP2 - - - - - - - - 33 41 M8 PE8 I/O FT_a - USART4_TX, TIM1_CH1N COMP3_INM8 - - - - - - - - 34 42 K8 PE9 I/O FT - USART4_RX, TIM1_CH1 - - - - - - - - - 35 43 L8 PE10 I/O FT - TIM1_CH2N, USART5_TX - - - - - - - - - - 44 M9 PE11 I/O FT - TIM1_CH2, USART5_RX - - - - - - - - - - 45 L9 PE12 I/O FT - SPI1_NSS/I2S1_WS, TIM1_CH3N - - - - - - - - - - 46 M10 PE13 I/O FT - SPI1_SCK/I2S1_CK, TIM1_CH3 - - - - - - - - - - 47 K9 PE14 I/O FT - SPI1_MISO/I2S1_MCK, TIM1_CH4, TIM1_BKIN2 - - - - - - - - - - 48 L10 PE15 I/O FT - SPI1_MOSI/I2S1_SD, TIM1_BKIN - Table 12. Pin assignment and description (continued) Pin number Pin name Alternate functions Additional functions |