Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U595QJ Fiches technique(PDF) 143 Page - STMicroelectronics

No de pièce STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Fiches technique(HTML) 143 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 139Page - STMicroelectronics STM32U595QJ Datasheet HTML 140Page - STMicroelectronics STM32U595QJ Datasheet HTML 141Page - STMicroelectronics STM32U595QJ Datasheet HTML 142Page - STMicroelectronics STM32U595QJ Datasheet HTML 143Page - STMicroelectronics STM32U595QJ Datasheet HTML 144Page - STMicroelectronics STM32U595QJ Datasheet HTML 145Page - STMicroelectronics STM32U595QJ Datasheet HTML 146Page - STMicroelectronics STM32U595QJ Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 377 page
background image
-
-
-
131
H8
-
A5
H17
A5
-
-
B4
132
A5
PG15
I/O
FT_hs
-
LPTIM1_CH1,
I2C1_SMBA,
OCTOSPIM_P2_DQS,
DCMI_D13/PSSI_D13,
EVENTOUT
-
55
89
C6
132
K8
B8
D6
B17
E7
55
89
C6
133
D6
PB3 (JTDO/
TRACESW
O)
I/O
FT_fa
-
JTDO/TRACESWO,
TIM2_CH2,
LPTIM1_CH1,
ADF1_CCK0,
I2C1_SDA, SPI1_SCK,
SPI3_SCK,
USART1_RTS_DE,
CRS_SYNC,
LPGPIO1_P11,
SDMMC2_D2,
SAI1_SCK_B,
EVENTOUT
COMP2_
INM2
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More