Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U595QJ Fiches technique(PDF) 144 Page - STMicroelectronics

No de pièce STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Fiches technique(HTML) 144 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 140Page - STMicroelectronics STM32U595QJ Datasheet HTML 141Page - STMicroelectronics STM32U595QJ Datasheet HTML 142Page - STMicroelectronics STM32U595QJ Datasheet HTML 143Page - STMicroelectronics STM32U595QJ Datasheet HTML 144Page - STMicroelectronics STM32U595QJ Datasheet HTML 145Page - STMicroelectronics STM32U595QJ Datasheet HTML 146Page - STMicroelectronics STM32U595QJ Datasheet HTML 147Page - STMicroelectronics STM32U595QJ Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 377 page
background image
56
90
B6
133
L9
E7
B6
G18 D6
56
90
B6
134
B6
PB4
(NJTRST)
I/O
FT_fa
(6)
NJTRST,
LPTIM1_CH2,
TIM3_CH1,
ADF1_SDI0,
I2C3_SDA,
SPI1_MISO,
SPI3_MISO,
USART1_CTS,
UART5_RTS_DE,
TSC_G2_IO1,
DCMI_D12/PSSI_D12,
LPGPIO1_P12,
SDMMC2_D3,
SAI1_MCLK_B,
TIM17_BKIN,
EVENTOUT
COMP2_
INP1
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More