Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U595QJ Fiches technique(PDF) 139 Page - STMicroelectronics

No de pièce STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Fiches technique(HTML) 139 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 135Page - STMicroelectronics STM32U595QJ Datasheet HTML 136Page - STMicroelectronics STM32U595QJ Datasheet HTML 137Page - STMicroelectronics STM32U595QJ Datasheet HTML 138Page - STMicroelectronics STM32U595QJ Datasheet HTML 139Page - STMicroelectronics STM32U595QJ Datasheet HTML 140Page - STMicroelectronics STM32U595QJ Datasheet HTML 141Page - STMicroelectronics STM32U595QJ Datasheet HTML 142Page - STMicroelectronics STM32U595QJ Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 377 page
background image
-
82
B9
115
E5
E5
F6
A10
C9
-
82
B9
115
F6
PD1
I/O
FT_fh
-
I2C6_SCL, I2C5_SCL,
SPI2_SCK, LCD_B5,
FDCAN1_TX,
FMC_D3, EVENTOUT
-
54
83
A9
116
C5
G5
F7
D13
B9
54
83
A9
116
F7
PD2
I/O
FT
-
TRACED2, TIM3_ETR,
I2C5_SMBA,
USART3_RTS_DE,
UART5_RX,
TSC_SYNC,
DCMI_D11/PSSI_D11,
LPGPIO1_P7,
SDMMC1_CMD,
LPTIM4_ETR,
EVENTOUT
-
-
84
C8
117
A5
K6
D8
C12
A9
-
84
C8
117
D8
PD3
I/O
FT_hv
-
I2C6_SMBA,
SPI2_SCK,
DCMI_D5/PSSI_D5,
SPI2_MISO,
MDF1_SDI0,
USART2_CTS,
LCD_CLK,
OCTOSPIM_P2_NCS,
FMC_CLK,
EVENTOUT
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More