Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H7B0RB Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STM32H7B0RB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0RB Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STM32H7B0RB Datasheet HTML 41Page - STMicroelectronics STM32H7B0RB Datasheet HTML 42Page - STMicroelectronics STM32H7B0RB Datasheet HTML 43Page - STMicroelectronics STM32H7B0RB Datasheet HTML 44Page - STMicroelectronics STM32H7B0RB Datasheet HTML 45Page - STMicroelectronics STM32H7B0RB Datasheet HTML 46Page - STMicroelectronics STM32H7B0RB Datasheet HTML 47Page - STMicroelectronics STM32H7B0RB Datasheet HTML 48Page - STMicroelectronics STM32H7B0RB Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 205 page
background image
Pin/ball name(1) (2)
Pin name
(function after
reset)
Pin type
I/O
structure
Alternate functions
Additional functions
M5
R8
26
34
46
56
PB0
I/O
FT_ah0
TIM1_CH2N, TIM3_CH3,
TIM8_CH2N, DFSDM2_CKOUT,
DFSDM1_CKOUT, UART4_CTS,
LCD_R3, OTG_HS_ULPI_D1,
OCTOSPIM_P1_IO1, LCD_G1,
EVENTOUT
ADC12_INP9,
ADC12_INN5,
OPAMP1_VINP,
COMP1_INP
L5
M8
27
35
47
57
PB1
I/O
FT_ah0
TIM1_CH3N, TIM3_CH4,
TIM8_CH3N, DFSDM1_DATIN1,
LCD_R6, OTG_HS_ULPI_D2,
OCTOSPIM_P1_IO0, LCD_G0,
EVENTOUT
ADC12_INP5,
COMP1_INM
L6
P7
28
36
48
58
PB2
I/O
FT_ah1
RTC_OUT2, SAI1_D1,
DFSDM1_CKIN1, SAI1_SD_A,
SPI3_MOSI/I2S3_SDO,
OCTOSPIM_P1_CLK,
OCTOSPIM_P1_DQS, EVENTOUT
COMP1_INP
M6
N7
-
-
49
59
PF11
I/O
FT_ah1
SPI5_MOSI, OCTOSPIM_P1_NCLK,
SAI2_SD_B, FMC_SDNRAS,
DCMI_D12/PSSI_D12, EVENTOUT
ADC1_INP2
N6
P11
-
-
50
60
PF12
I/O
FT_ah2
OCTOSPIM_P2_DQS, FMC_A6,
EVENTOUT
ADC1_INP6,
ADC1_INN2
-
F10
-
-
51
61
VSS
S
-
-
-
-
L12
-
-
52
62
VDD
S
-
-
-
G7
N11
-
-
53
63
PF13
I/O
FT_ah2
DFSDM1_DATIN6, I2C4_SMBA,
FMC_A7, EVENTOUT
ADC2_INP2
H7
R10
-
-
54
64
PF14
I/O
FT_fah2
DFSDM1_CKIN6, I2C4_SCL, FMC_A8,
EVENTOUT
ADC2_INP6,
ADC2_INN2
J7
N10
-
-
55
65
PF15
I/O
FT_fh2
I2C4_SDA, FMC_A9, EVENTOUT
-
K7
P8
-
-
56
66
PG0
I/O
FT_h2
OCTOSPIM_P2_IO4, UART9_RX,
FMC_A10, EVENTOUT
-
-
F12
-
-
-
-
VSS
S
-
-
-
-
M5
-
-
-
-
VDD
S
-
-
-
L7
N9
-
-
57
67
PG1
I/O
FT_h2
OCTOSPIM_P2_IO5, UART9_TX,
FMC_A11, EVENTOUT
OPAMP2_VINM
G8
P9
-
37
58
68
PE7
I/O
FT_ah2
TIM1_ETR, DFSDM1_DATIN2,
UART7_Rx, OCTOSPIM_P1_IO4,
FMC_D4/FMC_DA4, EVENTOUT
OPAMP2_VOUT,
COMP2_INM
H8
N8
-
38
59
69
PE8
I/O
FT_ah2
TIM1_CH1N, DFSDM1_CKIN2,
UART7_Tx, OCTOSPIM_P1_IO5,
FMC_D5/FMC_DA5, COMP2_OUT,
EVENTOUT
OPAMP2_VINM
J8
R11
-
39
60
70
PE9
I/O
FT_ah2
TIM1_CH1, DFSDM1_CKOUT,
UART7_RTS, OCTOSPIM_P1_IO6,
FMC_D6/FMC_DA6, EVENTOUT
OPAMP2_VINP,
COMP2_INP
M11
G6
-
-
61
71
VSS
S
-
-
-
N11
M9
-
-
62
72
VDD
S
-
-
-
M8
R9
-
40
63
73
PE10
I/O
FT_ah2
TIM1_CH2N, DFSDM1_DATIN4,
UART7_CTS, OCTOSPIM_P1_IO7,
FMC_D7/FMC_DA7, EVENTOUT
COMP2_INM
N8
R12
-
41
64
74
PE11
I/O
FT_ah2
TIM1_CH2, DFSDM1_CKIN4, SPI4_SS,
SAI2_SD_B, OCTOSPIM_P1_NCS,
FMC_D8/FMC_DA8, LCD_G3,
EVENTOUT
COMP2_INP
STM32H7B0xB
Pin descriptions
DS13196 - Rev 7
page 45/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More