Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD301A/KYX Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce UPD301A/KYX
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A/KYX Fiches technique(HTML) 10 Page - Microchip Technology

Back Button UPD301A/KYX Datasheet HTML 6Page - Microchip Technology UPD301A/KYX Datasheet HTML 7Page - Microchip Technology UPD301A/KYX Datasheet HTML 8Page - Microchip Technology UPD301A/KYX Datasheet HTML 9Page - Microchip Technology UPD301A/KYX Datasheet HTML 10Page - Microchip Technology UPD301A/KYX Datasheet HTML 11Page - Microchip Technology UPD301A/KYX Datasheet HTML 12Page - Microchip Technology UPD301A/KYX Datasheet HTML 13Page - Microchip Technology UPD301A/KYX Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
UPD301A
DS00002838B-page 10
 2018-2019 Microchip Technology Inc.
TABLE 3-1:
UPD301A PIN ASSIGNMENTS
Pin
Pin Name
Pin
Pin Name
1
ORIENTATION_N
21
VDD33_ANA_IN
2
CC2
22
SPI_MISO
3
VCONN_IN
23
SPI_CLK
4
CC1
24
NC
5
VDD12_CORE_OUT
25
SPI_MOSI
6
VDD33_REG_IN
26
EN_VBUS
7
NC
27
I2C_ADDR_SEL
8
NC
28
VPP18
9
VBUS_DET_IN
29
NC
10
RESET_N_OUT
30
SPI_IRQ_N
11
SPI_SS
31
NC
12
DAC_DC
32
NC
13
DC_DC_SEL
33
RESET_N_CO M/BOOT_SEL
14
VDD33_ALW_IN
34
NC
15
VDD18_CORE_OUT
35
NC
16
VDD33_IO_IN
36
NC
17
PDP_SEL0
37
NC
18
PDP_SEL1
38
VBUS_DIS
19
NC
39
PRT_CTRL/OCS
20
SPI_MOSI_SI
40
RESET_N_IN
Exposed Pad (VSS) must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40