Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD301A/KYX Fiches technique(PDF) 32 Page - Microchip Technology

No de pièce UPD301A/KYX
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A/KYX Fiches technique(HTML) 32 Page - Microchip Technology

Back Button UPD301A/KYX Datasheet HTML 28Page - Microchip Technology UPD301A/KYX Datasheet HTML 29Page - Microchip Technology UPD301A/KYX Datasheet HTML 30Page - Microchip Technology UPD301A/KYX Datasheet HTML 31Page - Microchip Technology UPD301A/KYX Datasheet HTML 32Page - Microchip Technology UPD301A/KYX Datasheet HTML 33Page - Microchip Technology UPD301A/KYX Datasheet HTML 34Page - Microchip Technology UPD301A/KYX Datasheet HTML 35Page - Microchip Technology UPD301A/KYX Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
UPD301A
DS00002838B-page 32
 2018-2019 Microchip Technology Inc.
6.0
PACKAGE INFORMATION
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging.
FIGURE 6-1:
PACKAGE MARKING INFORMATION
FIGURE 6-2:
TAPE & REEL DEVICE ORIENTATION
40-VQFN
UPD301Ai
YYWWNNN
3
e
VRnnn
Legend: i
Temperature range designator (Blank = commercial, i = industrial/automotive)
V
Automotive (blank for non-automotive versions)
R
Functional revision
nnn
Internal code
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
3
e
3
e
DIRECTION OF UNREELING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40