Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD301A/KYX Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce UPD301A/KYX
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A/KYX Fiches technique(HTML) 9 Page - Microchip Technology

Back Button UPD301A/KYX Datasheet HTML 5Page - Microchip Technology UPD301A/KYX Datasheet HTML 6Page - Microchip Technology UPD301A/KYX Datasheet HTML 7Page - Microchip Technology UPD301A/KYX Datasheet HTML 8Page - Microchip Technology UPD301A/KYX Datasheet HTML 9Page - Microchip Technology UPD301A/KYX Datasheet HTML 10Page - Microchip Technology UPD301A/KYX Datasheet HTML 11Page - Microchip Technology UPD301A/KYX Datasheet HTML 12Page - Microchip Technology UPD301A/KYX Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS00002838B-page 9
UPD301A
3.0
PIN DESCRIPTIONS AND CONFIGURATION
3.1
Pin Assignments
The device pin diagram for the UPD301A can be seen in Figure 3-1. Table 3-1 provides a UPD301A pin assignment
table. Pin descriptions are provided in Section 3.2, "Pin Descriptions".
FIGURE 3-1:
UPD301A PIN ASSIGNMENTS (TOP VIEW)
Microchip
UPD301A
(Top View 40-VQFN)
Note: Exposed pad (VSS) on bottom of package must be connected to ground .
NC
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
CC2
VCONN _IN
CC1
VDD12_CORE_OUT
VDD33_REG_IN
NC
NC
VBUS_DET_IN
VPP18
I2C_ADDR_SEL
EN_VBUS
SPI_MOSI
NC
SPI_CLK
SPI_MISO
Thermal slug connects to VSS
10
RESET_N_OUT
21
VDD33_ANA_IN
1
ORIENTATION _N
SPI_IRQ_N
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40