| Moteur de recherche de fiches techniques de composants électroniques |
|
C5NPARCH-RM/D Fiches technique(PDF) 81 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
C5NPARCH-RM/D Fiches technique(HTML) 81 Page - NXP Semiconductors |
|
81 / 114 page ![]() AC Timing Specifications 81 03 CP Timing Specifications This section describes the timing for the following CP interfaces: • DS1/DS3 • 10/100 Ethernet • Gigabit Ethernet • OC-3 • OC-12 DS1/DS3 Timing Specifications The DS1/DS3 interface timing is shown in Figure 14 and described in Table 38. Figure 14 DS1/DS3 Ethernet Timing Diagram CPn_0 (TCLK) Cycle 1 Cycle 2 Cycle 2 Cycle 3 Cycle 3 Cycle 4 Cycle 4 Cycle 5 Cycle 5 CPn_2/3 (Tx) CPn_1 (RCLK) CPn_4/5 (Rx) Tcdt Tcdo Tcdr Tcds Tcdh Table 38 DS1/DS3 Ethernet Timing Description SYMBOL PARAMETER MIN TYP MAX UNIT Tcdt DS1/DS3 Transmit Cycle Time 647/22.4 ns Tcdo DS1/DS3 Output Time 3.0/3.0 400/15.0 ns Tcdr DS1/DS3 Receive Cycle Time 647/22.4 ns Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |