Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C5NPARCH-RM/D Fiches technique(PDF) 47 Page - NXP Semiconductors

No de pièce C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Fiches technique(HTML) 47 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 43Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 44Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 45Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 46Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 47Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 48Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 49Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 50Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
Pin Descriptions Grouped by Function
47
03
8 SPLD is deasserted for 22 SPCLK cycles, shifting the second PROM_DATA into the
network processor internal shift register.
9 SPLD is asserted for one SPCLK cycle, loading the second PROM_DATA into the
network processor PROM_RETURN_DATA register.
Figure 6 PROM Interface Timing Outline
SPCLK
SPLD
12
45
678
9
11
10
12 13 14 15 16 17 18 19 20 21 22 23 12
3
4
567
89
10 11 12 13 14 15 16 17 18 19 20 21 22 23 1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
20
19
21 22 23 1
2
3
4
5
6
7
x
A
20
A
19
A
18
SPDTO
A
17
A
16
A
15
A
14
A
13
A
12
A
11
A
10
A
9
A
8
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
CE
The PROM_ADDR is loaded into the
C-5's internal shift register.
The PROM_ADDR is shifted into
the external shift register.
(SPCLK Rising Edge used for shifting)
The PROM_ADDR is loaded into the
external presentation register.
The PROM_DATA is
presenting.
The PROM_DATA is loaded into the
external shift register.
The PROM_DATA is shifted into the C-5's
Internal shift register.
The PROM_DATA is loaded into the C-5's
internal PROM_RETURN_DATA register.
SPDTI
x
D
15
D
14
D
13
D
12
D
11
D
10
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
xx
xxxx
XP PROM Interface outline
XP PROM Interface detail
SPLD
SPDTO
SPDTI
Q<
Q<
A1
A2
Q<
Q<
‘
A3
A4
A5
D1
D2
D3
D1
D2
A1
A2
A3
A4
1
2
3
4
5
6
7
8
9
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More