| Moteur de recherche de fiches techniques de composants électroniques |
|
HC05V7GRS/D Fiches technique(PDF) 122 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05V7GRS/D Fiches technique(HTML) 122 Page - NXP Semiconductors |
|
122 / 170 page ![]() SECTION 15: MESSAGE DATA LINK CONTROLLER Page 108 MC68HC05V7 Specification Rev. 1.0 15.4 MDLC PROTOCOL HANDLER The Protocol Handler is responsible for framing, collision detection, arbitration, CRC generation/checking, and error detection. The Protocol Handler conforms to SAE J1850 - Class B Data Communications Network Interface. 15.4.1 OUTLINE The Protocol Handler contains three main blocks: the State Machine, Rx Shift Register and Tx Shift Register, as shown below. Each block will now be described in more detail. 15.4.2 Rx & Tx SHIFT REGISTERS The Rx Shift Register gathers received serial data bits from the J1850 bus and makes them available in parallel form to the Rx Buffer. The Tx Shift Register takes data, in parallel form, from the Tx Buffer and presents it serially to the State Machine so that it can be transmitted onto the J1850 bus. Physical Interface To CPU Protocol Handler MUX Interface CPU Interface Rx/Tx Buffers To J1850 Bus MDLC Rx Shift Register Figure 15-8: MDLC Protocol Handler Outline To CPU Interface & Rx/Tx Buffers State Machine To MUX Interface 8 Tx Shift Register 8 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |