| Moteur de recherche de fiches techniques de composants électroniques |
|
HC05V7GRS/D Fiches technique(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05V7GRS/D Fiches technique(HTML) 28 Page - NXP Semiconductors |
|
28 / 170 page ![]() SECTION 2: MEMORY MAP Page 14 MC68HC05V7 Specification Rev. 1.0 Figure 2-3, Figure 2-4, Figure 2-5 and Figure 2-6. Reading from unimplemented bits will return unknown states, and writing to unimplemented bits will be ignored. Figure 2-2: MC68HC05V7 I/O Registers Memory Map 2.3 RAM The total RAM consists of 384 bytes (including the stack). The stack begins at address $00FF and proceeds down to $00C0 (64 bytes). Using the stack area for data storage or temporary work locations requires care to prevent it from being overwritten due to stacking from an interrupt or subroutine call. Port A Data Register Port B Data Register Port A Data Direction Register Port B Data Direction Register 16-Bit Timer Status Register EEPROM Program Register A/D Data Register A/D Status & Control Register $0000 Port C Data Register Port C Data Direction Register Alt. Count Register (low) Alt. Count Register (high) 16 Bit Timer Count Register (low) 16 Bit Timer Count Register (high) Output Compare Register (low) Output Compare Register (high) Input Capture Register (low) Input Capture Register (high) 16-Bit Timer Control Register MDLC Rx Status Register MDLC Tx Control Register MDLC Status Register MDLC Control Register SPI Status Register SPI Control Register SPI Data Register Port D Data Register Reserved Unused Port E Data Register PWM Data Register Miscellaneous Register MDLC Tx Data Register 0 MDLC Tx Data Register 1 MDLC Tx Data Register 2 MDLC Tx Data Register 3 MDLC Tx Data Register 4 MDLC Tx Data Register 5 MDLC Tx Data Register 6 MDLC Tx Data Register 7 MDLC Tx Data Register 8 MDLC Tx Data Register 9 MDLC Tx Data Register 10 MDLC Rx Data Register 0 MDLC Rx Data Register 1 MDLC Rx Data Register 2 MDLC Rx Data Register 3 MDLC Rx Data Register 4 MDLC Rx Data Register 5 MDLC Rx Data Register 6 MDLC Rx Data Register 7 MDLC Rx Data Register 8 MDLC Rx Data Register 9 MDLC Rx Data Register10 IRQ Control and Status Register Port F Data Register Port F Data Direction Register Unused 8-Bit Timer Status & Control Unused PWM Control Register Unused Unused 8-Bit Timer Counter Register $0001 $0002 $0003 $0004 $0005 $0006 $0007 $0008 $0009 $000A $000B $000C $000D $000E $000F $0010 $0011 $0012 $0013 $0014 $0015 $0016 $0017 $0018 $0019 $001A $001B $001C $001D $001E $001F $0020 $0021 $0022 $0023 $0024 $0025 $0026 $0027 $0028 $0029 $002A $002B $002C $002D $002E $002F $0030 $0031 $0032 $0033 $0034 $0035 $0036 $0037 $0038 $0039 $003A $003B $003C $003D $003E $003F Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |